PART |
Description |
Maker |
CCR06CG103FRV |
MIL-PRF-20/Radial Leads
|
AVX Corporation
|
DSF050J103 DSF050J104 DSF050J105 DSF050J123 DSF050 |
Polyester Capacitors Stacked Metallized Radial Leads
|
Cornell Dubilier Electronics
|
FA1A224ZF |
Supercapacitors, Radial Pin, Commercial Grade, FA, 0.22 F, -20/ 80%, 11 V, Pin Leads, Lead Spacing = 15mm
|
Kemet Corporation
|
2317-H-RC 2318-H-RC 2315-H-RC 2301-H-RC 2307-V-RC |
Toroidal Inductor; Series:2300; Inductance:270uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.5A; DC Resistance Max:0.060ohm; Leaded Process Compatible:Yes 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.2A; DC Resistance Max:0.067ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.8A; DC Resistance Max:0.078ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:10uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:20A; DC Resistance Max:0.005ohm; Leaded Process Compatible:Yes 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:33uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:11.7A; DC Resistance Max:0.013ohm; Leaded Process Compatible:Yes 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
RLB0608-2R7ML RLB0608-3R3ML RLB0914-270KL RLB0608- |
Radial Inductors 1 ELEMENT, 2.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 3.3 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 27 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 1000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 5.6 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 4.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 10000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 1800 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 470 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 3300 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 12000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 18000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 27000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 330 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 15000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 4700 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 100 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 8200 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 390 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Inductors 1 ELEMENT, 2700 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc. BOURNS INC
|
1140-4R7M-RC 1140-101K-RC 1140-3R3M-RC 1140-681K-R |
RF Choke; Series:1140; Inductance:4.7uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:100uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:14.4A; DC Resistance Max:0.025ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:680uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.139ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.114ohm; Leaded Process Compatible:Yes; Body Material:Ferrite Very high current capacity Low DCR RF Choke; Series:1140; Inductance:82uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:14.4A; DC Resistance Max:0.023ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:2.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.002ohm; Leaded Process Compatible:Yes; Body Material:Ferrite
|
BOURNS INC Bourns Electronic Solutions
|
SL0850001 |
Inside Kinked Leads Use -A after Ametherm’s part # Outside Kinked Leads Not Available
|
AMETHERM Circuit Protection Thermistors
|
SL0812101 |
Inside Kinked Leads Use -A after Ametherm’s part # Outside Kinked Leads Not Available
|
AMETHERM Circuit Protection Thermistors
|
SL0810003 |
Inside Kinked Leads Use -A after Ametherm’s part # Outside Kinked Leads Not Available
|
AMETHERM Circuit Protection Thermistors
|
|